Part Number Hot Search : 
PC323 RMD06DB0 ISL9209B LPU455B 2PCS01 SMBJ30 ZSR1200G LB2012
Product Description
Full Text Search
 

To Download GM7632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Application Specific Device
A A
GM7632
FIXED MULTI - OUTPUT REGULATOR
MICROELECTRONICS
Description
GM7632 is a multi-output positive voltage regulator designed to provide fixed precision output voltages of 3.3V, 8V at current up to 0.5A and 5.1V at current up to 1A with external PNP transistor. An internal reset circuit generates a reset pulse when the output 1 decrease below the regulated value. Output2 & 3 can be disabled by TTL input. Protection features include over voltage protection, short circuit protection and thermal shutdown.
Features
Output Currents up to 0.5A (output1 & 2) Output Current up to 1A with External Transistor (output3) Fixed Precision Output 1 voltage 3.3V 2% Fixed Precision Output 2 voltage 8V 2% (GM7632) Control Signal Generator for Output 3 voltage (5.1V 2%) Reset Facility for Output Voltage1 Output 2,3 with Disable by TTL Input Current Limit Protection at Each Output Thermal Shut Down
TYPICAL APPLICATION
GM7632
1 VIN 1 VIN 2 Active "H" Disable RESET
2
3 Cd
4
5
6
7 8 Contorl
9
10 Output3
GND
Output 2
Output 1 10K
www.gammamicro.com
GM7632 V0.1
1
Vsys
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
GM7632 AYWW
VIN 1 VIN 2 DEL.CAP Disable GND
Output 3 Output 1 Output 2 Control RESET
A Y WW
= Assembly Location = Year = Weekly
ORDERING INFORMATION
Ordering Number
GM7632SIP10T
Package
10- SIP H/ S
Shipping
20 Units/ Tube
* For detail Ordering Number identification, please see last page.
GM7632
2
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
ABSOLUTE MAXIMUM RATINGS
PARAMETER
DC Input Voltage Disable Input Voltage Output Current Power Dissipation Junction Temperature Operating Temperature
SYMBOL
VIN VC IO PD TJ Topr
RATINGS
20 20 0.5 1.5 +150 0 ~ +125
UNITS
V V A W C C
REMARK
No Heatsink -
INTERNAL BLOCK DIAGRAM
VIN1 1 Bandgap Reference
VIN2 2 OVP 2.5V VIN1
10A DEL.CAP 3 Cd 100nF RESET 6 + SW Vsys
+ SCP 9 Output 1
+ 50mV
Thermal Shut Down VIN2
10k A614 "Y" 7 Control
OVP + SCP + Output 2,3 1.4V + SCP
8 Output 2
10 Output 3
5
4 Disable
GND
GM7632
3
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
ELECTRICAL CHARACTERISTICS
(Refer to test circuit VIN1=6V, VIN2=10.5V, TJ= 25C, unless otherwise specified)
Parameter
Output Voltage 1
Symbol
VO1
Condition
IO1=10mA, 6V< VIN1< 14V 5mA < IO1< 500mA IO2=10mA, 10.5V< VIN2< 18V 5mA < IO2< 500mA IO1,2=500mA, 6V< VIN1< 14V 10.5V < VIN2< 18V IO1,2= 200mA 5mA < IO1 < 500mA 5mA < IO2< 500mA Vsys= 7V, IO3= 100mA 13V Min
3.22 3.14
Typ
3.3 3.3
Max
3.38 3.46
Unit
V
Output Voltage 2
VO2 Vd1,2
7.84 7.7
8 8
8.16 8.3
V
Dropout Output Voltage 1,2
-
-
2.5 40 80
V
Line Regulation 1,2
DVO1,2
mV
Load Regulation 1, 2 Output Voltage 3 Line Regulation 3 Load Regulation 3 Reset Pulse Delay Saturation Voltage in Reset Condition Leakage Current Pin 6 Output Voltage Thermal Drift Short Circuit Output Current Disable Voltage High Disable Voltage Low Disable Bias Current Junction Temperature for TSD Quiescent Current Reset Threshold Voltage Reset Threshold Hysteresis
DVO1,2 VO3 DVO3 DVO3 Trd VrL IrH Stt Isc 1,2 VdisH VdisL Idis Ttsd Iq Vr Vrth
4.97 2.0 -100 -
0.1 5.1 25 100 145 -
70 160 5.23 50 110 0.4 10 1.6 0.8 2 2
mV V mV mV mS V A ppm/C A V V A C mA V mA
K -0.4 K -0.25 K -0.1 20 50 100
Notes: 1. To check the reset circuit ,the reset output is low to discharge the delay capacitor(=Cd). if it's less than VO1-0.25V. And the reset output is high when the delay capacitor voltage linearly increased by the interal current source(10A) if it's more than VO1- 0.2V. The equations of delay time is same as below. Trd = (Cd X 2.5) / 10A
GM7632
4
2. Although guaranteed, these parameters are not 100% tested in production.
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
TYPICAL PERFORMANCE CHARACTERISTICS
1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
3.3 3.0 Output Voltage1 VO (V) 2.5 1.5 1.0 0.5 0 TA= 25C VIN2= 10V IO1 = 10mA IO2 = 0A 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 Input Voltage VIN 1(V)
Quiescent Current Iq(mA)
TA= 25C IO1= 10mA 0 2.0 4.0 6.0 8.0 10 12 14 16 Input Voltage VIN (V) 18 20
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Output Voltage 1 vs. Input Voltage
7.9 7.0 Output Voltage2 VO (V) Output Voltage VO (V) 6.0 5.0 4.0 3.0 2.0 1.0 0 0 TA= 25C VIN1= 6V IO1 = 0A IO2 = 10mA 2.0 4.0 6.0 8.0 10 12 14 16 Input Voltage VIN 2(V) 18 19.9
7.9 7.0 6.0 5.0 4.0 3.0 2.0 1.0
0 0 0.2 0.4 0.6 0.8 1.01.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
TA= 25C VIN1= 6V VIN2= 10.5V IO2 = 10mA
Disable Voltage (V)
Figure 3. Output Voltage2 vs. Input Voltage
Figure 4. Output Voltage vs. Disable Voltage High (Low)
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 Disable Voltage VIN (V)
0
25
50
75
100
125
150
Temperature TJ (C)
Figure 5. Disable Bias Current vs. Disable Voltage
Figure 6. Output Voltage1 vs. Temperature (TA= 0 ~ 150)
GM7632
5
25.9 24.0 22.0 20.0 18.0 16.0 14.0 12.0 10.0 8.0 6.0 4.0 2.0 0
3.34 Output Voltage 1 VO (V) 3.32 3.30 3.28 3.26 3.24 3.22
Disable Bias Current (A)
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
TYPICAL PERFORMANCE CHARACTERISTICS
7.9 Output Voltage 1 VO (V) 7.89 7.88 7.87 7.86 7.85 7.84 0 25 50 75 100 125 150 Temperature TJ (C)
Figure 7. Output Voltage2 vs. Temperature (TA= 0 ~ 150)
10-SIP H/ S PACKAGE OUTLINE DIMENSIONS
0.984 (TYP) 25.00 (TYP) 0.472 (TYP) 12.00 (TYP) 0.1575 0.0055 4.00 0.15
0.5905 0.0055 15.0 0.15 0.4725 0.0115 12.0 0.30 0.331 0.006 8.40 0.15 0.024 0.004 0.60 0.10
0.236 (MIN) 6.000 (MIN)
0.02 0.004 0.50 0.10
GM7632
0.047 (TYP) 1.200 (TYP) 1.016 0.008 25.8 0.20
0.100 (TYP) 2.540 (TYP) 0.018 0.004 0.45 0.10
Inches ( mm )
6
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
ORDERING NUMBER
GM 7632 SIP10 T
Gamma Micro. Circuit Type Shipping T: Tube
Package SIP10: 10- SIP H/ S
GM7632
7
Application Specific Device
MICROELECTRONICS
A
A
GM7632
FIXED MULTI - OUTPUT REGULATOR
GM7632
8


▲Up To Search▲   

 
Price & Availability of GM7632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X